Part Number Hot Search : 
1906X352 RT1P144X PI5A100Q 50110 FAN3217 100M10 TDA24 HMA5101
Product Description
Full Text Search
 

To Download ADF-07S12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ] ambient temperature output power (%) 0 20 40 60 80 100 -25 10 20 40 60 70 50 30 25% derating curve en61000 emc en55022 emi i/o isolation 3000 vac protection ovp universal voltage 85 ~ 265 vac adf-07 is a 7-watt series of ac-dc power modules. these modules have universal input r ange of 85-265vac and are available in output voltages of 3.3v, 5v, 12v, 15v and 24v with efficiency as high as 78%. other features include conti nuous short circuit protection, overvoltage protection, output current limitation, emc en61000-4(-2,-3,-4) and emi en55022 level b approved which conducted noise compliance minimi ze design-in time, cost and eliminate the need for external components. the adf-07 series has iec / en / ul 60950-1 safety approval qualifies this product for worldwide markets. the series is a wide variety of applications including in commercial and industrial of the mtbf 330,000 hours. y operating temperature 71] (reference to derating curve) y iec61140 safety class ii approval y ul 60950-1 safety approval y mtbf > 330,000 hours y emc complies with en61000 y emi complies with en55022 class b and fcc part 15, level b y i/o isolation 3000vac y 85~265vac, 47~440hz universal input range y high efficiency up to 78% key features single outputs 7 watts universal input range ac/dc power modules a d f- 0 7 serie s rev:10 2008/07 minmax 1
78 680 10 130 29 291 24 adf-07s24 78 1000 10 130 47 466 15 adf-07s15 78 1000 10 130 58 583 12 ADF-07S12 73 2200 10 139 140 1400 5 adf-07s05 70 2200 10 96 140 1400 3.3 adf-07s03 % (typ.) uf ma (typ.) ma (typ.) ma ma vdc @max. load max. @no load @max. load min. max. 115vac, 60hz efficiency capacitive load input current output current output voltage model number model selection guide b c c 30% 10ms 60% 100ms 95% 5000ms en61000-4-11 b 0.15~80mhz 10vrms (functional earth ports included) 80% am 1khz modulation en61000-4-6 b 1.2/50us(8/20us) ac dif. {1kv dc {0.5kv en61000-4-5 b ac port {2kv dc, sl, tl {2kv not less than 1 min. en61000-4-4 a 80~1000mhz 10v/m 80% am1khz modulation en61000-4-3 b air {8kv cont. {4kv en61000-4-2 performance criteria specification requirement standard conducted emc en55022 class b conducted emi free-air convection cooling % 95 --- humidity ] 85 -40 storage temperature ] 71 -25 ambient operating temperature unit max. min. conditions parameter note : 1. specifications typical at ta=+25], resistive load, 115vac, 60hz input voltage, rated output current unless otherwise noted. 2. ripple & noise measurement bandwidth is 0-20 mhz. 3. these power modules require a minimum outpu t loading to maintain specified regulation. 4. operation under no-load conditions will not damage these devices; however they may not meet all listed specifications. 5. all ac/dc modules should be externally fused at the front end for protection. 6. other input and output voltage may be available, please contact factory. 7. specifications subjec t to change without notice. environmental specifications k hours --- --- 330 mil-hdbk-217f @ 25], ground benign mtbf ms --- 15 --- 115vac, 60hz hold-up time khz --- 100 --- switching frequency m[ --- --- 100 500vdc isolation resistance vdc --- --- 4700 input to output, flash tested for 1 second isolation test voltage vac --- --- 3000 input to output, 60 seconds isolation voltage unit max. typ. min. conditions parameter general specifications a d f- 0 7 serie s 2 minmax rev:10 2008/07
1.5a slow - blow type external fuse (recommended) all models input fuse a 20 --- --- 230vac a 10 --- --- 115vac inrush current (cold start at 25]) hz 440 --- 47 input frequency range vac 265 --- 85 all models input voltage range unit max. typ. min. conditions parameter input specifications hiccup mode, indefinite (automatic recovery) short circuit protection % --- --- 105 85vac, hiccup technique, auto-recovery current limitation % 5.0 --- --- overshoot %/] {0.02 {0.01 --- temperature coefficient % of vo --- 120 --- zener diode clamp over voltage protection %v pp of vo 1.0 0.8 --- other output models %v pp of vo 1.8 1.5 --- 3.3 & 5.0vdc output models ripple & noise (20mhz) % {1.0 {0.5 --- iout=min. to max. load regulation % {1.0 {0.5 --- vin=min. to max. line regulation % {2.0 {1.0 --- output voltage accuracy unit max. typ. min. conditions parameter output specifications single output l n emi filter and inrush current limiter switching device rectifier +vo -vo ovp isolation ref.amp control circuit rectifier block diagram a d f- 0 7 serie s rev:10 2008/07 minmax 3
{0.004 {0.1 pin x.xxx{0.01 x.xx{0.25 x.xx{0.02 x.x{0.5 inches millimeters tolerance ul94v-0 : flammability 44 g : weight plastic resin + fiberglass : case material 2.00*1.00*0.76 inches 50.8*25.4*19.3 mm : case size physical characteristics -vout 4 +vout 3 ac(l) - ac line 2 ac(n) - ac neutral 1 single output pin 19.3 [0.76] side 4 5 . 7 2 [ 1 . 8 0 0 ] 5 0 . 8 [ 2 . 0 0 ] 4 10.16 [0.400] 25.4 [1.00] bottom 20.32 [0.800] 2 . 5 4 [ 0 . 1 0 0 ] 2 0.5 [0.02] 5 . 0 [ 0 . 2 0 ] 6.00 [0.236] 1 3 1.00[ 0.039] pin connections mechanical dimensions a d f- 0 7 serie s 4 minmax rev:10 2008/07


▲Up To Search▲   

 
Price & Availability of ADF-07S12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X